PART |
Description |
Maker |
MCP40D19T-103AE_LT MCP40D19-502AE_LT MCP40D17 MCP4 |
10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6 7-Bit Single I2C?/a> (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C垄芒 (with Command Code) Digital POT with Volatile Memory in SC70
|
Microchip Technology
|
MAX4715 MAX4715EXK-T MAX4716EXK-T MAX4715-MAX4716 |
0.4 / Low-Voltage / Single-Supply SPST Analog Switches in SC70 0.4? Low-Voltage, Single-Supply SPST Analog Switches in SC70 0.4, Low-Voltage, Single-Supply SPST Analog Switches in SC70 0.4 Low-Voltage Single-Supply SPST Analog Switches in SC70 0.4з, Low-Voltage, Single-Supply SPST Analog Switches in SC70 0.4з,低电压,单电源SPST模拟开关采用SC70
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADCMP600NBSP ADCMP600 ADCMP600BRJ-RL |
COMPARATOR, 5000 uV OFFSET-MAX, 3 ns RESPONSE TIME, PDSO5 From old datasheet system ADCMP600 - Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator in 5-lead SC70 Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator in 5-lead SC70 and SOT-23
|
ANALOG DEVICES INC
|
2SC1600D 2SC1642D NE57510 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 20V的五(巴西)总裁|毫安一(c)|希捷- M3 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 250MA I(C) | TO-46
|
Sanyo Denki Co., Ltd.
|
MAX9130 MAX9130EXT-T |
From old datasheet system Single 500Mbps LVDS Line Receiver in SC70
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SA1787E 2SC4650D 2SC4490C 2SC4490F 2SC4650F 2SA16 |
TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | SC-71 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | SC-71 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管|叩| 300V五(巴西)总裁| 100mA的一(c)|律师- 71 晶体管|晶体管|叩| 60V的五(巴西)总裁| 50mA的一c)|36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 180V五(巴西)总裁| 50mA的一(c)|92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|2VAR
|
Rohm Co., Ltd. Lattice Semiconductor, Corp. Sanyo Electric Co., Ltd.
|
CDLL4769 CDLL4769A CDLL4773A CDLL4774A CDLL4766 CD |
Single D-Type Latch with 3S Output 6-SC70 -40 to 85 9.1伏的额定电压稳压5 9.1 VOLT NOMINAL ZENER VOLTAGE 5%
|
Fairchild Semiconductor, Corp. CDI-DIODE[Compensated Deuices Incorporated]
|
NJU7333 NJU7333R |
Single-phase DC Brushless Motor Driver IC From old datasheet system Single-phaseDC Brushless Motor Driver IC 3-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 5-SC70 -40 to 85
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
2SC3502C 2SC3502E |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|26
|
Sanyo Electric Co., Ltd.
|
ADM809-5LARTZ-RL7 ADM809-5LAKSZ-RL7 ADM809-5SAKS-R |
Microprocessor Supervisory Circuit in 3-Lead SOT-23 & SC70, Active-Low Push-Pull Output; Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC5508 LTC5508ESC6 LTC5508ESC6TRM LTC5508ESC6TRMP |
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 125°C 300 MHz - 7000 MHz RF/MICROWAVE LINEAR DETECTOR, 12 dBm INPUT POWER-MAX 300MHz to 7GHz RF Power Detector in SC70
|
Linear Technology, Corp.
|
2SC4132T100P 2SD1857TV2P 2SC4132T100R |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体
|
Vishay Intertechnology, Inc.
|